PART |
Description |
Maker |
SPS-9110V-1RG |
1260 to 1620 nm / 3 Gb/s Single Optical SM Receiver
|
Optoway Technology Inc
|
SPS-7110V-2RG |
1260 to 1620 nm / 1.5 Gb/s Dual Optical SM Receiver
|
Optoway Technology Inc
|
TA1101A |
SAW Filter 1620.750MHz
|
Golledge Electronics Lt...
|
B-15-13-155-T-SFC7-G5 B-15-13-155-T3-SFC7-G5 B-15- |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR 155 Mbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR
|
http:// Source Photonics, Inc.
|
T7H8167504DN |
1260 A, SCR
|
POWEREX INC
|
5SDA16F3206 |
Avalanche Rectifier Diode 1620 A, 3200 V, SILICON, RECTIFIER DIODE
|
ABB, Ltd.
|
B-13-1250-TDPM3-SST-60 B-13-1250C-TDPM3-SST-60 B-1 |
FIBER OPTIC TRANSCEIVER, 1500-1600nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR 1.25 Gbps Bi-directional Single Fiber Transceiver
|
HIROSE ELECTRIC Co., Ltd. Source Photonics, Inc.
|
B-13-155-T-SST3G5 B-13-155-T3-SST3G5 B-13-155C-T-S |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1480-1600nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR 155 Mbps Bi-directional Receptacle Single Fiber Transceiver
|
Source Photonics, Inc.
|
SPS-34-GB-EBX-CDC SPS-34-GB-EBX-CNC SPS-34-GB-EBX- |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SC CONNECTOR ROHS COMPLIANT PACKAGE
|
Thomas ?Betts, Corp.
|
SP-12-LR1-CNA SP-12-LR1-TDA SP-12-LR1-TNA SP-12-LR |
622 Mbps SFP Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), PANEL MOUNT
|
Source Photonics, Inc.
|
|